PART |
Description |
Maker |
BF421 BF423 Q62702-F496 Q62702-F532 |
PNP Silicon Transistors With High Reverse Voltage PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage) From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
JHV3680 JHV36 JHV3612 JHV3616 JHV3620 JHV3624 JHV3 |
High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 54; IFSM (A): 1200; Vrwm (V): 28000; IR (µA): 6000; SILICON, VOLTAGE MULTIPLIER DIODE HIGH VOLTAGE RECTIFIER ASSEMBLY
|
MICROSEMI[Microsemi Corporation]
|
2SC4710LS 0929 |
NPN Triple Diffused Planar Silicon Transistor 2100V / 10mA High-Voltage Amplifier, High-Voltage Switching Applications From old datasheet system 2100V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4493 |
NPN Triple Diffused Planar Silicon Transistor High-Voltage Amplifier, High-Voltage Switching Applications
|
SANYO
|
2SC4476 |
NPN Triple Diffused Planar Silicon Transistor 1800V/10mA High-Voltage Amplifier, High-Voltage Switching Applications
|
Sanyo
|
BFN20 Q62702-F1058 |
NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage) From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
2SC4636LS |
NPN Triple Diffused Planar Silicon Transistor 1800V / 10mA High-Voltage Amplifier, High-Voltage Switching Applications 1800V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4635LS |
NPN Triple Diffused Planar Silicon Transistor 1500V / 20mA High-Voltage Amplifier, High-Voltage Switching Applications 1500V/20mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
MMBTA92LT1 MMBTA92LT1G MMBTA92LT3 MMBTA93LT1 MMBTA |
Small Signal High Voltage High Voltage Transistors(PNP Silicon)
|
ONSEMI[ON Semiconductor]
|
1N5953B 1N5918BG 1N5937 1N5937B 1N5929 1N5929B 1N5 |
Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer Zener Voltage Regulator Diode 33 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL Zener Voltage Regulator Diode 18 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL surface mount silicon Zener diodes 39 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Zener Voltage Regulator Diode 56 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL surface mount silicon Zener diodes 36 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Zener Voltage Regulator Diode 9.1 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL Zener Voltage Regulator Diode 6.2 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL Zener Voltage Regulator Diode 24 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL surface mount silicon Zener diodes 47 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Zener Voltage Regulator Diode 51 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL Zener Voltage Regulator Diode 130 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL IC CRIMZON Z8 MCU OTP 64K 20SSOP ZenerVoltageRegulatorDiode
5V to ±10V Voltage Converters Voltage Detectors SILICON 1.5 WATT ZENER DIODES
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
R4000 R5000 R2500 R3000 |
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere) HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere) 0.2 A, 2500 V, SILICON, SIGNAL DIODE, DO-15 CB 17C 17#16 PIN RECP BOX
|
RECTRON[Rectron Semiconductor] RECTRON LTD
|
|